Part Number Hot Search : 
TJA1050 M5290 SC425 22415 APTGF300 CDLL4565 P5NK50Z D74LVC1
Product Description
Full Text Search
 

To Download 447AW711XM08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 with Strain Relief and Self-Locking Rotatable Coupling
Drain Hole Option (Omit "D" if not required) Finish Symbol (See Table III) Cable Entry (See Table IV)
Product Series 447 - EMI/RFI Non-Environmental Banding Backshells Connector Designator A, F, L, H, G and U
Band Option Band supplied with K option (Omit for none)
Slot Option S - Pigtail Termin. Slot (Omit for none)
Basic Part Number
Shrink Boot Option Shrink boot and o-ring supplied with T option (Omit for none)
TABLE IV: CABLE ENTRY
Entry Entry Dia. Code .03 (0.8) 04 .250 (6.4) 05 .310 (7.9) 07 .420 (10.7) 09 .530 (13.5) 10 .630 (16.0) 12 .750 (19.1) 13 .810 (20.6) 15 .940 (23.9) 16 1.00 (25.4) 19 1.16 (29.5) X Dia. .03 (0.8) .51 (13.0) .51 (13.0) .51 (13.0) .63 (16.0) .63 (16.0) .63 (16.0) .63 (16.0) .63 (16.0) .63 (16.0) .63 (16.0) Y Dia. .03 (0.8) .875 (22.2) .936 (23.8) 1.172 (29.8) 1.281 (32.5) 1.406 (35.7) 1.500 (38.1) 1.562 (39.7) 1.687 (42.8) 1.812 (46.0) 1.912 (48.6)
447
H
S
711 XW 19 13 D S K P T S
Connector Shell Size (See Table II) Shield Termination Slot (Omit for none) Polysulfide Strips Termination area free of cadmium, XW finish only (Omit for none)
Angle and Profile S - Straight W - 90 Elbow
NOTE: Coupling Nut Supplied Unplated
1.28 (32.5) Anti-Decoupling Device
F
.67 (17.0) Typ.
X Dia
Anti-Decoupling Device Entry Diameter Y
E
Drain Holes (Optional)
Shield Termination Slot- Typ. (Optional)
Shrink Sleeve or Boot Groove, Typ.
G Raised Configuration (Mfr's Option)
TABLE II: CONNECTOR SHELL SIZE Shell Size For Connector Designator* A F/L H G U 08 08 09 - - 10 10 11 - 08 12 12 13 11 10 14 14 15 13 12 16 16 17 15 14 18 18 19 17 16 20 20 21 19 18 22 22 23 - 20 24 24 25 23 22 E F G Max Entry Dash No.** 04 05 07 09 11 13 15 17 20
TABLE III: FINISH
Symbol XM Finish Description 2000 Hour Corrosion Resistant Electroless Nickel 2000 Hour Corrosion Resistant Ni-PTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM 2000 Hour Corrosion Resistant Cadmium/ Olive Drab over Electroless Nickel Printed in U.S.A.
.06 .69 .75 .81 .88 .94 .97 1.06 1.13 1.19
(1.5) (17.5) (19.1) (20.6) (22.4) (23.9) (24.6) (26.9) (28.7) (30.2)
.09 .88 1.00 1.13 1.31 1.38 1.44 1.63 1.75 1.88
(2.3) .09 (22.4) 1.36 (25.4) 1.42 (28.7) 1.48 (33.3) 1.55 (35.1) 1.61 (36.6) 1.64 (41.4) 1.73 (44.5) 1.80 (47.8) 1.86
(2.3) (34.5) (36.1) (37.6) (39.4) (40.9) (41.7) (43.9) (45.7) (47.2)
XMT
**Consult factory for additional entry sizes available. Consult factory for O-Ring to be supplied with part less shrink boot. (c) 2009 Glenair, Inc. CAGE Code 06324
XW
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-87
Composite Backshells
447-711 Composite EMI/RFI Banding Backshell
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 447AW711XM08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X